Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATXP5 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce ATXP5
Description  Jumper Free Over Clock Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ATXP5 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  ATXP5 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ATXP5 V1.0
Jumper Free Over Clock Controller
Specification Subject to Change without Notice.
1
Technology Corporation
1. General Description
ATXP5 is a full feature of over clocking device. It integrates all functions that are possible to
be utilized for over-clocking purpose.
2. Features
Provide Four FID Input (FIDIN0-3) and Eight
Output Pins (FIDOCS0-3 & FIDOCPU0-3)
- FIDCS0-3 Outputs for Chip Set &
FIDCPU0-3 Outputs for CPU
Provide NBPWROK pin
Provide Five GPIO Pins
Support Auto-Recover
- Build-in Watch Dog Timer & Reset
Output Signal Pin
Provide CPU Changing Detect Pin
(SLOTOCC#)
SM Bus Interface
Package: SSOP 28-Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12