| Moteur de recherche de fiches techniques de composants électroniques |
|
MFS-V-AA4-R Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MFS-V-AA4-R Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: MFS MFS SPECIFICATIONS ES-1379 Rev.13 Page 5/5 http://www.m-system.co.jp/ MFS TC WATER TANK V1 V2 DRAINAGE M M MFS MFS INPUT V1 V2 V2 V1 FC LARGE CAPACITY VALVE SMALL CAPACITY VALVE MFS MFS INPUT TC WATER TANK V1 V2 HOT WATER SUPPLY COLD WATER SUPPLY DRAINAGE V2 V1 ■ V-SHAPE CHARACTERISTICS (model: MFS-V) •When the relation between control signal and valve-opening for one valve has the opposite charateristic to the other’s: ■ PARALLEL CHARACTERISTICS (model: MFS-P) •When the relation between control signal and valve-opening for both valves has the same characteristic: •To control wide flow range with two valves of different capacities: MFS INPUT V2 V1 Specifications are subject to change without notice. |