| Moteur de recherche de fiches techniques de composants électroniques |
|
MSEF-C5-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MSEF-C5-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: MSEF MSEF SPECIFICATIONS ES-1607 Rev.9 Page 4/4 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Inductive Load (Coil) LOAD Diode, Varistor or CR Circuit Inductive Load (Coil) Varistor or Spark Quenching Circuit U LOAD RY RY Base Socket U(+) V(–) POWER 7 8 4 + – * INPUT 5 Low Drift Amplifier R 6 10 11 9 2 3 1 • DC Powered ■ Relay Protection • AC Powered *Input shunt resistor attached for current input. OUTPUT 2 OUTPUT 1 N.C. N.O. COM N.C. N.O. COM Digital Computation Circuit L1 L2 UP DOWN MODE DISPLAY/SETTING MONITOR LED Specifications are subject to change without notice. |