| Moteur de recherche de fiches techniques de composants électroniques |
|
MXCB-Z1-R3 Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MXCB-Z1-R3 Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: MXCB MXCB SPECIFICATIONS ES-1745 Rev.8 Page 4/6 http://www.m-system.co.jp/ ■ Used in Combination with ST/STL + UP DOWN MANUAL CONTROL 1 2 3 4 5 6 (+) 7 (–) 8 9 10 AUTO-MANUAL SELECTOR SWITCH OUTPUT INDICATOR MONITOR TERMINALS (4 – 20mA DC) 10-pin CONNECTOR MANUAL OUTPUT (n) MANUAL OUTPUT (p) COM. (–) OUTPUT (+) OUTPUT COMPUTER FAILURE 9 10 11 5 6 2 1 3 4 POWER 7 8 – + – + – E/P 4 – 20mA DC FEEDBACK SIGNAL ST/STL MXCB FIELD CONTROL VALVE FLOWMETER COMPUTER PANEL FRONT BACK AUTO OUTPUT (n) AUTO OUTPUT (p) AUTO EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 50 (1.97) 103 (4.06) 132 (5.20) • When mounting, no extra space is needed between units. 5 6 7 8 2 1 11 10 [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW 3 9 4 |