Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M8TS1-155-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd.

No de pièce M8TS1-155-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8TS1-155-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd.

  M8TS1-155-R Datasheet HTML 1Page - M-System Co.,Ltd. M8TS1-155-R Datasheet HTML 2Page - M-System Co.,Ltd. M8TS1-155-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: M8TS1
M8TS1 SPECIFICATIONS
ES-5381 Rev.5 Page 3/3
http://www.m-system.co.jp/
BOTTOM VIEW
• Burnout Switch
Turn the switch in UP direction for upscale burnout,
DOWN for downscale burnout.
Burnout Switch
EXTERNAL DIMENSIONS unit: mm (inch)
I/O PINS
17.5(.69)
75 (2.95)
83 (3.27)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
• Mounting on the Single Mount Base (model: M8BS-1-1)
Refer to the data sheet and the instruction manual for the M8BS-1-1.
• Mounting on the Installation Base (model: M8BSx)
+
–
Isolation
Installation Base
Voltage
Amplifier
OUTPUT 1
3
5
6
7
8
9
10
11
+
–
+
–
OUTPUT 2
S
Z
1
2
4
D
A
B
C
POWER
Output
Driver
Output
Driver
Low Drift
Amplifier
Burnout
Linearizer
CJC Sensing
Volt. Generator
+
–
T / C
CJC
SENSOR
metal leg
model: CJM
comp. leadwire
+
–
green
red
*
*Deleted with B thermocouple input.
** The CJC Sensor for the single mount base is not compatible with the one for the multiple mount base.
Leadwires for the multiple mount type are replaced with metal legs with the single mount type.
UPSCALE
DOWNSCALE
**
Specifications are subject to change without notice.



Html Pages

1 2 3