| Moteur de recherche de fiches techniques de composants électroniques |
|
M8YS1-AA-R Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8YS1-AA-R Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 2 page ![]() MODEL: M8YS1 M8YS1 SPECIFICATIONS ES-5388 Rev.4 Page 2/2 http://www.m-system.co.jp/ SWC test: ANSI/IEEE-C37.90.1-1989 STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EN 50581 EXTERNAL DIMENSIONS unit: mm (inch) I/O PINS 17.5(.69) 75 (2.95) 83 (3.27) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Installation Base Low Drift Amplifier OUTPUT 9 1 2 4 3 5 10 11 + – S Z 6 7 8 D A B C POWER Output Driver + – INPUT * Input shunt resistor incorporated for current input. **Use either of the 6 – 7 or 8 – 9 terminals for input. * ** Specifications are subject to change without notice. |