| Moteur de recherche de fiches techniques de composants électroniques |
|
M8PP1-A4A2A21-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8PP1-A4A2A21-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: M8PP1 M8PP1 SPECIFICATIONS ES-5378 Rev.5 Page 4/5 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) I/O PINS 17.5(.69) 75 (2.95) 83 (3.27) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM R N + – Isolation Installation Base OUTPUT 1 6 7 8 9 10 11 + – + – OUTPUT 2 POWER Output Driver Output Driver Waveform Shaper 3 5 1 2 4 D A B C Polarity Inverter Excitation Supply + – INPUT + SENSOR EXC. One-Shot POLARITY SW * * Provided only when the sensor excitation option is selected. **Provided only when the one-shot output option is selected. A C B 4kΩ ■ Dry Contact Input Connection Examples Vsns ■ 2-Wire Current Pulse • Built-in Excitation A C B – + Vsns 2-WIRE PICK-UP • External DC Supply A C B – Vsns 2-WIRE PICK-UP + + DC SUPPLY – ■ DC Voltage Pulse A C B + + – – Vsns PWR ■ AC Voltage Pulse A C B + – Vsns PWR ■ Open Collector Output Connection Examples + – 6 7 + – ■ Voltage Pulse + – 6 7 + – + – 8 9 + – + – 8 9 + – 250Ω 250Ω + + – – PWR +12V ** |