Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP1K0910GD Fiches technique(PDF) 2 Page - Schneider Electric

No de pièce LP1K0910GD
Description  TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 125 V DC coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LP1K0910GD Fiches technique(HTML) 2 Page - Schneider Electric

  LP1K0910GD Datasheet HTML 1Page - Schneider Electric LP1K0910GD Datasheet HTML 2Page - Schneider Electric LP1K0910GD Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Overvoltage category
III
Mounting support
Plate
Rail
Flame retardance
V1 conforming to UL 94
Requirement 2 conforming to NF F 16-101
Requirement 2 conforming to NF F 16-102
Tightening torque
11.51 lbf.in (1.3 N.m) screw clamp terminals Philips No 2
11.51 lbf.in (1.3 N.m) screw clamp terminals flat Ø 6 mm
[Ue] rated operational voltage
Power circuit: 690 V AC 50/60 Hz
Signalling circuit: <= 690 V AC 50/60 Hz
[Ith] conventional free air thermal
current
20 A 122 °F (50 °C) power circuit
10 A 122 °F (50 °C) signalling circuit
Irms rated making capacity
110 A AC power circuit NF C 63-110
110 A AC power circuit IEC 60947
110 A AC signalling circuit IEC 60947
Rated breaking capacity
110 A 415 V IEC 60947
110 A 440 V IEC 60947
80 A 500 V IEC 60947
110 A 220...230 V IEC 60947
110 A 380...400 V IEC 60947
70 A 660...690 V IEC 60947
Associated fuse rating
25 A gG <= 440 V power circuit
25 A aM power circuit
10 A gG signalling circuit IEC 60947
10 A gG signalling circuit VDE 0660
Average impedance
3 mOhm - Ith 20 A 50 Hz power circuit
Inrush power in W
3 W 68 °F (20 °C))
Hold-in power consumption in W
3 W 68 °F (20 °C)
Operating time
30...40 ms coil energisation and NO closing
10 ms coil de-energisation and NO opening
Safety reliability level
B10d = 1369863 cycles contactor with nominal load EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load EN/ISO 13849-1
Mechanical durability
10 Mcycles
Maximum operating rate
3600 cyc/h
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Insulation resistance
> 10 MOhm signalling circuit
Height
2.28 in (58 mm)
Width
1.77 in (45 mm)
Depth
2.24 in (57 mm)
Net Weight
0.50 lb(US) (0.225 kg)
Environment
Product certifications
UL
CSA
Ambient air temperature for operation
-13…122 °F (-25…50 °C)
Ambient air temperature for storage
-58…176 °F (-50…80 °C)
Operating altitude
2000 m without derating
Ordering and shipping details
Category
22321 - CTR,K-LINE,DC,OPEN,NONREV
Discount Schedule
I12
GTIN
00785901641698
Nbr. of units in pkg.
1
Package weight(Lbs)
0.5 lb(US) (0.23 kg)
Returnability
No
Country of origin
FR
2



Html Pages

1 2 3