| Moteur de recherche de fiches techniques de composants électroniques |
|
HM7019LL Fiches technique(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HM7019LL Fiches technique(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd |
|
6 / 11 page ![]() Ver1.1 Oct 3,2011 Change of Detectable Voltage If the required voltage is not found in the standard product selection table, it is possible to change it by using external resistance dividers or diodes. Varying the detectable voltage with a resistance divider Varying the detectable voltage with a diode Malfunction Analysis The following circuit demonstrates the way a circuit analyzes malfunctions by monitoring the variation or spike noise of power supply voltage. Charge Monitoring Circuit The following circuit shows a charged monitor for protection against battery deterioration by overcharging. When the voltage of the battery is higher than the set detectable voltage, the transistor turns onto bypass the charge current, protecting the battery from overcharging. Level Selector The following diagram illustrates a logic level selector. series Low Power Voltage Detector Shenzhen H&M Semiconductor Co.Ltd http://www.hmsemi.com HM70XXPR HM70XXPR HM70XXPR HM70XXPR HM70XXPR HM7050 |