| Moteur de recherche de fiches techniques de composants électroniques |
|
M2PHSW-B4-R2/CE Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2PHSW-B4-R2/CE Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: M2PHS M2PHS SPECIFICATIONS ES-5086 Rev.13 Page 4/4 http://www.m-system.co.jp/ TERMINAL ASSIGNMENTS unit: mm (inch) 5 8 9 12 14 13 INPUT RESISTOR (model: REM2) Input shunt resistor attached for current input. 1 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM +5V HOLD CONTROL + – + – Isolation Base Socket *Input shunt resistor attached for current input. INPUT 1 Low Drift Amplifier Output Driver OUTPUT R 4 5 8 9 12 S Z POWER U(+) V(–) 13 14 Close Open : Track : Hold Hold * 5kΩ Specifications are subject to change without notice. |