| Moteur de recherche de fiches techniques de composants électroniques |
|
M2VF-A4W-R2/Q Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2VF-A4W-R2/Q Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: M2VF M2VF SPECIFICATIONS ES-5014 Rev.20 Page 4/6 http://www.m-system.co.jp/ CUSTOM SPECIFICATION LIST Refer to the following pages for each detailed custom specification. Custom specification: Option /X1 ■ Major specification changes Response time: 5.3 ms ±30 % (0 – 90 %) Custom specification: Option /X2 ■ Major specification changes Input: 0 - 0.5 V DC (Input resistance 200 kΩ min.) |