Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M2VF-AA-RM/Q Fiches technique(PDF) 6 Page - M-System Co.,Ltd.

No de pièce M2VF-AA-RM/Q
Description  Super-mini Signal Conditioners Mini-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2VF-AA-RM/Q Fiches technique(HTML) 6 Page - M-System Co.,Ltd.

  M2VF-AA-RM/Q Datasheet HTML 1Page - M-System Co.,Ltd. M2VF-AA-RM/Q Datasheet HTML 2Page - M-System Co.,Ltd. M2VF-AA-RM/Q Datasheet HTML 3Page - M-System Co.,Ltd. M2VF-AA-RM/Q Datasheet HTML 4Page - M-System Co.,Ltd. M2VF-AA-RM/Q Datasheet HTML 5Page - M-System Co.,Ltd. M2VF-AA-RM/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: M2VF
M2VF SPECIFICATIONS
ES-5014 Rev.20 Page 6/6
http://www.m-system.co.jp/
CUSTOM SPECIFICATION : OPTION /X2
Major specification changes
Input: 0 - 0.5 V DC (input resistance 200 kΩ)
MODEL: M2VF–0[2]–[3]/N/X2[4]
Same as standard specification (without customization)
except followings.
Refer to standard specification pages.
ORDERING INFORMATION
• Code number: M2VF-0[2]-[3]/N/X2[4]
For each each [2] through [4] same code as standard
specification is available.
(e.g. M2VF-04W-M2/N/X2/Q)
Refer to standard specification pages.
SPECIFICATION CHANGES
■ Input specifications
• Input 0 - 0.5 V DC
• Input resistance: 200 kΩ min.



Html Pages

1 2 3 4 5 6