| Moteur de recherche de fiches techniques de composants électroniques |
|
M6NXT-1V3-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6NXT-1V3-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: M6NXT M6NXT SPECIFICATIONS ES-7911 Rev.10 Page 4/5 http://www.m-system.co.jp/ EXTERNAL VIEW ■ FRONT VIEW (with the cover open) ■ SIDE VIEW 5 6 7 8 1 2 3 4 Output Range Selectors Status Indicator LED Power LED Configurator Jack The DIP switch setting is required to select output types before setting a precise output range using PC Configurator Software (model: M6CFG). Refer to the instruction manual for detailed procedures. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 7.5 (.30) DIN RAIL HOOK 102 (4.02) [1 (.04)] 8–M3 SCREW TERMINAL WIRE INSERTION ANGLE : approx. 35° SCREWDRIVER * INSERTION ANGLE : approx. 55° SCREWDRIVER INSERTION ANGLE : approx. 40° DIN RAIL 35mm wide 5 6 7 8 1 2 3 4 • When mounting, no extra space is needed between units. *Screwdriver stem diameter: 6 mm (.24”) or less |