| Moteur de recherche de fiches techniques de composants électroniques |
|
KUS-53-S/Q Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KUS-53-S/Q Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: KUS KUS SPECIFICATIONS ES-3530 Rev.2 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 2 1 8 7 3 4 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – + – Isolation * Base Socket S Z *Input shunt resistor attached for current input. INPUT 3 Low Drift Amplifier Reverser Output Driver OUTPUT R 4 5 6 1 2 U(+) V(–) POWER 7 8 Specifications are subject to change without notice. |