| Moteur de recherche de fiches techniques de composants électroniques |
|
M5CTC-1175A-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M5CTC-1175A-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: M5CTC M5CTC SPECIFICATIONS ES-2486 Rev.6 Page 4/5 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 25 (.98) 41 (1.61) [3.3 (.13)] • When mounting, no extra space is needed between units. DIN RAIL 35mm wide 8–M3.5 SCREW 7.3 (.29) 1 2 3 4 5 6 7 8 ■ Sensor model No.: CLSA-08 L K 10 (.39) dia. 41 (1.61) 27 (1.05) 26 (1.02) 150 (5.91) 3000 (118) l k ■ Sensor model No.: CLSA-12 16 (.63) dia. 44.5 (1.75) 30 (1.18) 31 (1.22) 150 (5.91) l k L K 3000 (118) ■ Sensor model No.: CLSA-30 24 (.94) dia. 64 (2.52) 40 (1.57) 34 (1.34) 200 (7.87) 4 (.16) 4 (.16) l k K L ■ Sensor model No.: CLSA-50 36 (1.41) dia. 80 (3.15) 50 (1.97) 38 (1.50) 4 (.16) 4 (.16) 200 (7.87) l k K L ■ Sensor model No.: CLSB-05 k k l l 26.3 (1.04) 8.6 (.34) 8.6 (.34) 48 (1.89) 10 dia. (.39) 2–M3 SCREW TERMINAL COVER (detachable) K L ■ Sensor model No.: CLSB-10 30.5 (1.20) 7.5 (.30) 7.5 (.30) 53.7 (2.11) 16 dia. (.63) 2–M3 SCREW k k l l TERMINAL COVER (detachable) K L |