| Moteur de recherche de fiches techniques de composants électroniques |
|
M2VF-6GW-R2/CE Fiches technique(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2VF-6GW-R2/CE Fiches technique(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 6 page ![]() MODEL: M2VF M2VF SPECIFICATIONS ES-5014 Rev.20 Page 6/6 http://www.m-system.co.jp/ CUSTOM SPECIFICATION : OPTION /X2 Major specification changes Input: 0 - 0.5 V DC (input resistance 200 kΩ) MODEL: M2VF–0[2]–[3]/N/X2[4] Same as standard specification (without customization) except followings. Refer to standard specification pages. ORDERING INFORMATION • Code number: M2VF-0[2]-[3]/N/X2[4] For each each [2] through [4] same code as standard specification is available. (e.g. M2VF-04W-M2/N/X2/Q) Refer to standard specification pages. SPECIFICATION CHANGES ■ Input specifications • Input 0 - 0.5 V DC • Input resistance: 200 kΩ min. |