| Moteur de recherche de fiches techniques de composants électroniques |
|
LDWI Fiches technique(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LDWI Fiches technique(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
1 / 11 page ![]() For HDMI, USB 3.0 A full series of common mode choke is designed for excellent noise attenuation and compact sizing for use in wide range of applications. Both standard series and custom designs are available. Features Applications RoHS Compliant Miniature SMD type common mode filter for fully automated assembly Excellent solderability HDMI USB lines (for personal computers and peripheral), DVC, STB, LVDS, panel line for liquid display panels, etc. Product Identification Packaging: T:Tape and Reel Shape and Dimensions Recommended Pattern LDWI11 LDWI21 Dimensions in mm TYPE A B C D E LDWI11 1.25 ±0.2 1.00±0.2 0.80±0.1 0.32 0.33 LDWI21 2.05 ±0.2 1.25±0.2 1.20±0.2 0.50 0.40 Dimensions in mm TYPE A B C D LDWI11 0.36 1.00 0.59 1.75 LDWI21 0.50 1.27 0.80 2.60 SMD Common Mode Choke LDWI Series LDWI11T Series LDWI Rev : www.leiditech.com 01.06.2018 1/11 |
Numéro de pièce similaire - LDWI |
|
Description similaire - LDWI |