Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCS-96 Fiches technique(PDF) 11 Page - Intel Corporation

No de pièce MCS-96
Description  MCS-51 and MCS-96 Packaging Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MCS-96 Fiches technique(HTML) 11 Page - Intel Corporation

Back Button MCS-96 Datasheet HTML 7Page - Intel Corporation MCS-96 Datasheet HTML 8Page - Intel Corporation MCS-96 Datasheet HTML 9Page - Intel Corporation MCS-96 Datasheet HTML 10Page - Intel Corporation MCS-96 Datasheet HTML 11Page - Intel Corporation MCS-96 Datasheet HTML 12Page - Intel Corporation MCS-96 Datasheet HTML 13Page - Intel Corporation MCS-96 Datasheet HTML 14Page - Intel Corporation MCS-96 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MCS-51 AND MCS-96 PACKAGING INFORMATION
64-LEAD PLASTIC DUAL IN-LINE PACKAGE (SHRINK)
272118±6
Family: Plastic Dual In-Line Package
Symbol
Millimeters Approx
Inches Approx
A
6
0.3
D
59
2.3
E1
18
0.7
e1
1.8
0.07
L
3
0.1
For exact dimensions consult the Packaging Handbook ( 240800).
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16