Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCS-51 Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce MCS-51
Description  MCS-51 and MCS-96 Packaging Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MCS-51 Fiches technique(HTML) 13 Page - Intel Corporation

Back Button MCS-51 Datasheet HTML 8Page - Intel Corporation MCS-51 Datasheet HTML 9Page - Intel Corporation MCS-51 Datasheet HTML 10Page - Intel Corporation MCS-51 Datasheet HTML 11Page - Intel Corporation MCS-51 Datasheet HTML 12Page - Intel Corporation MCS-51 Datasheet HTML 13Page - Intel Corporation MCS-51 Datasheet HTML 14Page - Intel Corporation MCS-51 Datasheet HTML 15Page - Intel Corporation MCS-51 Datasheet HTML 16Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MCS-51 AND MCS-96 PACKAGING INFORMATION
68-LEAD CERAMIC PIN GRID ARRAY PACKAGE
272118±8
Family: Ceramic Pin Grid Array Package
Symbol
Millimeters Approx
Inches Approx
A
5
0.2
D
30
1.2
e1
2.5
0.1
L
2
0.1
For exact dimensions consult the Packaging Handbook ( 240800).
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16