| Moteur de recherche de fiches techniques de composants électroniques |
|
HT83072 Fiches technique(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83072 Fiches technique(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 21 page ![]() A.C. Characteristics Symbol Parameter Test Conditions Min. Typ. Max. Unit VDD Conditions fSYS System Clock (RC OSC) 3V ¾ 4 ¾ 8 MHz fTIMER Timer Input Frequency 3V ¾ 0 ¾ 8 MHz tWDTOSC Watchdog Oscillator 3V ¾ 45 90 180 ms tWDT Watchdog Time-out Period (RC) 3V Without WDT prescaler 12 23 45 ms tRES External Reset Low Pulse Width ¾¾ 1 ¾¾ ms tSST System Start-up Timer Period ¾ Power-up or wake-up from HALT ¾ 1024 ¾ tSYS Characteristics Curves R vs. F Characteristics Curve HT83XXX Rev. 0.10 6 August 25, 2003 Preliminary 9 8 7 6 5 4 3 R ( k W ) 4 . 5 V 3 . 0 V 6 2 7 2 8 2 9 2 1 0 2 H T 8 3 X X X R v s . F C h a r t |