| Moteur de recherche de fiches techniques de composants électroniques |
|
JFX1-FWG-R Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
JFX1-FWG-R Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: JFX1 JFX1 SPECIFICATIONS ES-1671 Rev.9 Page 2/4 http://www.m-system.co.jp/ J: 240 V AC DC Power S: 12 V DC R: 24 V DC V: 48 V DC [4] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel RELATED PRODUCTS • Programming Unit (model: PU-2x) • PC configurator software (model: JXCON) Downloadable at M-System’s web site. A dedicated cable is required to connect the module to the PC. Please refer to the internet software download site or the users manual for the PC configurator for applicable cable types. GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) Linearization: 100 points max. within the range of -15.00 – +115.00 % input or output; represented as percentage of full-scale Adjustments: Programming Unit (model: PU-2x); linearization data, zero and span, simulating output, etc. (Refer to the users manual of JXCON for the adjustments configurable with JXCON.) INPUT SPECIFICATIONS ■ DC Current: Shunt resistor attached to the input terminals (0.5 W) Specify input resistance value for code Z. ■ DC Voltage: -300 – +300 V DC Minimum span: 3 mV Offset: Max. 1.5 times span Input resistance Span 3 – 10 mV : ≥ 10 kΩ Span 10 – 100 mV : ≥ 10 kΩ Span 0.1 – 1 V : ≥ 100 kΩ Span ≥ 1 V : ≥ 1 MΩ OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +20 V DC Span: Min. 5 mV, max. 20 V Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power input •AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz, approx. 3 VA •DC: Operational voltage range: rating ±10 % ripple 10 %p-p max., approx. 3 W (125 mA at 24 V) Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 350 g (0.77 lb) PERFORMANCE in percentage of span Accuracy: ±0.1 % with segment gain ≤ 3 [±0.1 % × gain] with segment gain > 3 Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Response time: ≤ 0.5 sec. (0 – 90 %) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) |