Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8569GEDS/V Fiches technique(PDF) 34 Page - Wolfson Microelectronics plc

No de pièce WM8569GEDS/V
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/V Fiches technique(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
WM8569
Product Preview
w
PP Rev 1.1 December 2005
34
SUGGESTED ANALOGUE LOW PASS POST DAC FILTERS
It is recommended that a lowpass filter be applied to the output from each DAC channel for Hi Fi applications. Typically a
second order filter is suitable and provides sufficient attenuation of high frequency components (the unique low order, high
bit count multi-bit sigma delta DAC structure used in WM8569 produces much less high frequency output noise than
normal sigma delta DACs. This filter is typically also used to provide the 2x gain needed to provide the standard 2Vrms
output level from most consumer equipment.
Wolfson Application Note WAN0171 provides details of suitable post-DAC filter circuits.
Figure 32 Recommended Post DAC Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36