| Moteur de recherche de fiches techniques de composants électroniques |
|
M2XUM-R2Z1-P/N Fiches technique(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2XUM-R2Z1-P/N Fiches technique(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 7 page ![]() MODEL: M2XUM M2XUM SPECIFICATIONS ES-5009 Rev.19 Page 7/7 http://www.m-system.co.jp/ SYSTEM CONFIGURATION EXAMPLES Universal Transmitters (model: M2XUM) Universal Transmitters (model: M2XUM) RS-485 Model Model Model RS-232-C 6 7 8 Ethernet ■ RS-232-C/RS-485 ■ Ethernet/RS-485 ETHERNET RUN SEND FIELD CNFG RS-485 RS-485 Model Model Model RS-232-C/RS-485 Converter (Model: R2K-1 or LK1) Ethernet Communication Adaptor (model: 72EM2-M4) MODBUS COMMUNICATION PARAMETERS Refer to the instruction manual for the details about Modbus communication. ■ COMMUNICATION PARAMETERS PARAMETER Data Mode Baud Rate Parity Bit Length Stop Bit Node Address Floating Point Data Physical Layer MODIFICATION Not modifiable JXCON Software JXCON Software Not modifiable Not modifiable Hardware Rotary SW for 1 through 15, JXCON Software for 16 through 247 (Rotary SW set to 0). JXCON Software Not modifiable DEFAULT SPECIFICATIONS RTU 9600/19200/38400 bps None/Odd/Even 8 1 1 to 247 Normal/Swapped RS-485 RTU 38400 bps Odd 8 1 1 Normal RS-485 Specifications are subject to change without notice. |