| Moteur de recherche de fiches techniques de composants électroniques |
|
M2XPA3-A14V2-R Fiches technique(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2XPA3-A14V2-R Fiches technique(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 6 page ![]() MODEL: M2XPA3 M2XPA3 SPECIFICATIONS ES-5104 Rev.14 Page 6/6 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 1 5 4 + + – – Vsns PWR 1 5 4 + 5kΩ + – – Vsns PWR Vsns 100Ω Vsns + – Isolation Base Socket Output Driver OUTPUT 8 9 12 Digital Computation 1 5 4 Excitation Supply STATUS MON. ZERO/SPAN SELECTOR INPUT TYPE SELECTOR UP/DOWN SWITCHES CONFIGURATOR JACK U(+) V(–) POWER 13 14 Waveform Shaper INPUT * 1 *1. Input Connection Examples 1 5 4 8 ■ RS-422 Line Driver Pulse + – INPUT + – PWR ■ Open Collector or Mechanical Contact ■ 2-Wire Current Pulse • Built-in Excitation 4 8 5 + – Vsns 2-WIRE PICK-UP • External DC Supply 4 8 5 – 2-WIRE PICK-UP + + DC SUPPLY – ■ Voltage Pulse 100Ω EXPLANATIONS OF TERMS Low-end cutout: The function where the output signal is forced to 0% below the setpoint input. Hysteresis is fixed at 1%. [Example] Input zero frequency 0 Hz Input span frequency 1 kHz Low-end cutout 10 % INPUT OUTPUT 0% 10% 100% 0 Hz 100 Hz 11% 110 Hz 1 kHz Specifications are subject to change without notice. |