| Moteur de recherche de fiches techniques de composants électroniques |
|
AF8510CS Fiches technique(PDF) 1 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AF8510CS Fiches technique(HTML) 1 Page - Anachip Corp |
|
1 / 8 page ![]() AF8510C N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product. Rev. 1.0 Nov 14, 2005 1/8 Features - Lower On-Resistance - Simple Drive Requirement - Fast Switching Performance - Pb Free Plating Product Product Summary CH BVDSS (V) RDS(ON) (mΩ) ID (A) N 30 28 6.9 P -30 55 -5.3 Pin Assignments SO-8 5 6 7 8 4 3 2 1 D1 D1 D2 D2 S1 G1 S2 G2 General Description The advanced power MOSFET provides the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness. The SO-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applicat ions such as DC/DC converters. Pin Descriptions Pin Name Description S1 Source (NMOS) G1 Gate (NMOS) D1 Drain (NMOS) S2 Source (PMOS) G2 Gate (PMOS) D2 Drain (PMOS) Ordering information A X 8510C X X PN Package Feature F :MOSFET S: SOP-8 Packing Blank : Tube or Bulk A : Tape & Reel |
Numéro de pièce similaire - AF8510CS |
|
Description similaire - AF8510CS |