Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P87C453EBAA Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce P87C453EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C453EBAA Fiches technique(HTML) 2 Page - NXP Semiconductors

  P87C453EBAA Datasheet HTML 1Page - NXP Semiconductors P87C453EBAA Datasheet HTML 2Page - NXP Semiconductors P87C453EBAA Datasheet HTML 3Page - NXP Semiconductors P87C453EBAA Datasheet HTML 4Page - NXP Semiconductors P87C453EBAA Datasheet HTML 5Page - NXP Semiconductors P87C453EBAA Datasheet HTML 6Page - NXP Semiconductors P87C453EBAA Datasheet HTML 7Page - NXP Semiconductors P87C453EBAA Datasheet HTML 8Page - NXP Semiconductors P87C453EBAA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-312
ORDERING INFORMATION
EPROM1
ROMLESS
ROM
TEMPERATURE
°C AND PACKAGE
FREQ.
(MHz)
PKG.
DWG #
P87C453EBAA
OTP
P80C453EBAA
P83C453EBAA
68–Pin Plastic Leaded Chip Carrier, 0 to +70
3.5 to 16
SOT188-3
P87C453EFAA
OTP
P80C453EFAA
P83C453EFAA
68–Pin Plastic Leaded Chip Carrier, –40 to +85
3.5 to 16
SOT188-3
P87C453EBLKA
UV
68-Pin Ceramic Leaded Chip Carrier with window,
0 to +70
3.5 to 16
1473A
P87C453EFLKA
UV
68-Pin Ceramic Leaded Chip Carrier with window,
–40 to +85
3.5 to 16
1473A
NOTE:
1. OTP = One-Time Programmable EPROM.
UV = Erasable EPROM.
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA/VPP
PSEN
ALE/PROG
VSS
VCC
XTAL1
XTAL2
PORT 6 CONTROL
ODS
IDS
BFLAG
AFLAG
SU00085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23