| Moteur de recherche de fiches techniques de composants électroniques |
|
M2PHS2L-A1B-R Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2PHS2L-A1B-R Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: M2PHS2 M2PHS2 SPECIFICATIONS ES-5105 Rev.8 Page 5/5 http://www.m-system.co.jp/ HOLD MODES ■ PEAK HOLD MODE The transmitter output responds only to an increasing signal, holding the maximum value until a higher signal or a command to reset is received. ■ VALLEY HOLD MODE The transmitter output responds only to a decreasing signal, holding the minimum value until a lower signal or a command to reset is received. ■ PEAK-TO-PEAK HOLD MODE The transmitter output responds only when the input signal goes over the previously monitored maximum value or goes below the previously monitored minimum value. The output is proportional to the peak-to-peak value, absolute difference between the maximum and the minimum values. t HOLD 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% t 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% INPUT OUTPUT RESET • Peak-to-Peak Hold Mode Specifications are subject to change without notice. |