Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7618/WAF Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STV7618/WAF
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7618/WAF Fiches technique(HTML) 2 Page - STMicroelectronics

  STV7618/WAF Datasheet HTML 1Page - STMicroelectronics STV7618/WAF Datasheet HTML 2Page - STMicroelectronics STV7618/WAF Datasheet HTML 3Page - STMicroelectronics STV7618/WAF Datasheet HTML 4Page - STMicroelectronics STV7618/WAF Datasheet HTML 5Page - STMicroelectronics STV7618/WAF Datasheet HTML 6Page - STMicroelectronics STV7618/WAF Datasheet HTML 7Page - STMicroelectronics STV7618/WAF Datasheet HTML 8Page - STMicroelectronics STV7618/WAF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STV7618
2/15
Revision follow-up
Target specification
05/2000
version 1.1
document creation
05/2000
version 1.2
few changes in figures
07/2000
version 1.3
addition of pads dimensions/coordinates,
few changes in figures and electrical characteristics
02/2001
version 1.4
TBD mentions replaced with values for Vouthl and Voutlh
Datasheet
06/2001
version 4.0
general update
10/2001
version 4.1
addition of die photo in cover page
new pads dimensions
04/2002
version 4.2
Cover page
features related to output diode current deleted
New values for Source/sink output MOS: -40/30mA
Absolute maximum ratings
IPOUT values -150/150mA
added definition and values for IDOUT -200/300mA
Addition of note 4: Transient current. Spike current duration inferior to 300ns.
Tested wafer disclaimer
chapter added
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16