Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV7618 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STV7618
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7618 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STV7618 Datasheet HTML 2Page - STMicroelectronics STV7618 Datasheet HTML 3Page - STMicroelectronics STV7618 Datasheet HTML 4Page - STMicroelectronics STV7618 Datasheet HTML 5Page - STMicroelectronics STV7618 Datasheet HTML 6Page - STMicroelectronics STV7618 Datasheet HTML 7Page - STMicroelectronics STV7618 Datasheet HTML 8Page - STMicroelectronics STV7618 Datasheet HTML 9Page - STMicroelectronics STV7618 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STV7618
6/15
RIGHT SIDE from top to bottom
LEFT SIDE from bottom to top
Name
Centre:
X
Centre:Y
Size:x
SIze: y
Name
Centre:
X
Centre:Y
Size:x
SIze: y
OUT40
892.670
1950.792
90
75
VSSP
-892.670
-2486.208
90
75
OUT39
892.670
1847.602
90
75
VSSP
-892.670
-2383.018
90
75
OUT38
892.670
1744.327
90
75
VPP
-892.670
-2279.912
90
75
OUT37
892.670
1641.138
90
75
VPP
-892.670
-2176.722
90
75
OUT36
892.670
1537.947
90
75
OUT96
-892.670
-2073.702
90
75
OUT35
892.670
1434.757
90
75
OUT95
-892.670
-1970.512
90
75
OUT34
892.670
1331.568
90
75
OUT94
-892.670
-1867.322
90
75
OUT33
892.670
1228.378
90
75
OUT93
-892.670
-1764.132
90
75
OUT32
892.670
1125.188
90
75
OUT92
-892.670
-1660.942
90
75
OUT31
892.670
1021.998
90
75
OUT91
-892.670
-1557.752
90
75
OUT30
892.670
918.807
90
75
OUT90
-892.670
-1454.562
90
75
OUT29
892.670
815.618
90
75
OUT89
-892.670
-1351.372
90
75
OUT28
892.670
712.428
90
75
OUT88
-892.670
-1248.182
90
75
OUT27
892.670
609.238
90
75
OUT87
-892.670
-1144.992
90
75
OUT26
892.670
506.048
90
75
OUT86
-892.670
-1041.802
90
75
OUT25
892.670
402.857
90
75
OUT85
-892.670
-938.612
90
75
OUT24
892.670
299.668
90
75
OUT84
-892.670
-835.422
90
75
OUT23
892.670
196.478
90
75
OUT83
-892.670
-732.232
90
75
OUT22
892.670
93.288
90
75
OUT82
-892.670
-629.042
90
75
OUT21
892.670
-9.902
90
75
OUT81
-892.670
-525.852
90
75
OUT20
892.670
-113.092
90
75
OUT80
-892.670
-422.662
90
75
OUT19
892.670
-216.282
90
75
OUT79
-892.670
-319.472
90
75
OUT18
892.670
-319.472
90
75
OUT78
-892.670
-216.282
90
75
OUT17
892.670
-422.662
90
75
OUT77
-892.670
-113.092
90
75
OUT16
892.670
-525.852
90
75
OUT76
-892.670
-9.902
90
75
OUT15
892.670
-629.042
90
75
OUT75
-892.670
93.288
90
75
OUT14
892.670
-732.232
90
75
OUT74
-892.670
196.478
90
75
OUT13
892.670
-835.422
90
75
OUT73
-892.670
299.668
90
75
OUT12
892.670
-938.612
90
75
OUT72
-892.670
402.857
90
75
OUT11
892.670
-1041.802
90
75
OUT71
-892.670
506.048
90
75
OUT10
892.670
-1144.992
90
75
OUT70
-892.670
609.238
90
75
OUT9
892.670
-1248.182
90
75
OUT69
-892.670
712.428
90
75
OUT8
892.670
-1351.372
90
75
OUT68
-892.670
815.618
90
75
OUT7
892.670
-1454.562
90
75
OUT67
-892.670
918.807
90
75
OUT6
892.670
-1557.752
90
75
OUT66
-892.670
1021.998
90
75
OUT5
892.670
-1660.942
90
75
OUT65
-892.670
1125.188
90
75
OUT4
892.670
-1764.132
90
75
OUT64
-892.670
1228.378
90
75
OUT3
892.670
-1867.322
90
75
OUT63
-892.670
1331.568
90
75
OUT2
892.670
-1970.512
90
75
OUT62
-892.670
1434.757
90
75
OUT1
892.670
-2073.702
90
75
OUT61
-892.670
1537.947
90
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16