| Moteur de recherche de fiches techniques de composants électroniques |
|
FC6261C Fiches technique(PDF) 9 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FC6261C Fiches technique(HTML) 9 Page - First Silicon Co., Ltd |
|
9 / 11 page ![]() PACKAGE INFORMATION SOT-23-6 Note: 1) All dimensions are in millimeters. 2) Package length does not include mold flash, protrusion or gate burr. 3) Package width does not include inter lead flash or protrusion. 4) Lead popularity (bo�om of leads a�er forming) shall be 0.10 millimeters max. 5) Pin 1 is lower le� pin when reading top mark from le� to right . FC6261 2021. 01. 11 9/11 Revision No : 0 |