Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC6261 Fiches technique(PDF) 9 Page - First Silicon Co., Ltd

No de pièce FC6261
Description  Precision Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6261 Fiches technique(HTML) 9 Page - First Silicon Co., Ltd

Back Button FC6261 Datasheet HTML 3Page - First Silicon Co., Ltd FC6261 Datasheet HTML 4Page - First Silicon Co., Ltd FC6261 Datasheet HTML 5Page - First Silicon Co., Ltd FC6261 Datasheet HTML 6Page - First Silicon Co., Ltd FC6261 Datasheet HTML 7Page - First Silicon Co., Ltd FC6261 Datasheet HTML 8Page - First Silicon Co., Ltd FC6261 Datasheet HTML 9Page - First Silicon Co., Ltd FC6261 Datasheet HTML 10Page - First Silicon Co., Ltd FC6261 Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGE INFORMATION
SOT-23-6
Note:
1) All dimensions are in millimeters.
2) Package length does not include mold flash, protrusion or gate burr.
3) Package width does not include inter lead flash or protrusion.
4) Lead popularity (bo�om of leads a�er forming) shall be 0.10 millimeters max.
5) Pin 1 is lower le� pin when reading top mark from le� to right
.
FC6261
2021. 01. 11
9/11
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11