| Moteur de recherche de fiches techniques de composants électroniques |
|
KTS-51-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KTS-51-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: KTS KTS SPECIFICATIONS ES-3531-CE Rev.11 Page 3/3 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm [inch] 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm [inch] 5 6 2 1 8 7 3 4 CJC SENSOR (model: CJM) green red SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket S Z Low Drift Amplifier Output Driver OUTPUT 1 2 U(+) V(–) POWER 7 8 3 5 4 6 Linearizer CJC Sensing Volt. Generator + – T / C CJC SENSOR metal leg model: CJM comp. leadwire + – red green * *Deleted with B thermocouple input. Specifications are subject to change without notice. |