Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT45N03L-TN3-R Fiches technique(PDF) 4 Page - VBsemi Electronics Co.,Ltd

No de pièce UT45N03L-TN3-R
Description  N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VBSEMI [VBsemi Electronics Co.,Ltd]
Site Internet  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT45N03L-TN3-R Fiches technique(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  UT45N03L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT45N03L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT45N03L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT45N03L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT45N03L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT45N03L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT45N03L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT45N03L-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
RDS(on) vs. VGS vs. Temperature
0.
2
0.
4
0.6
0.8
1.
0
1.
2
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V, ID= 38.8 A
VGS = 4.5 V, ID = 27 A
0.000
0.001
0.002
0.003
0.004
0.005
0246
8
10
VGS - Gate-to-Source Voltage (V)
ID = 38.8 A
TA = 125 °C
TA = 25 °C
Forward Diode Voltage vs. Temperature
Threshold Voltage
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD - Source-to-Drain Voltage (V)
TJ = 25 °C
TJ = 150 °C
0.8
1.2
1.6
2.0
2.4
2.8
- 50 - 25
0
25
50
75
100
125 150
175
TJ - Temperature (°C)
ID = 250 µA
Safe Operating Area, Junction-to-Ambient
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
TA = 25 °C
Single Pulse
dc
10 s
1 s
100 ms
10 ms
*Limited by rDS (on)
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT45N03L-TN3-R
4



Html Pages

1 2 3 4 5 6 7 8