Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP8733 Fiches technique(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Fiches technique(HTML) 43 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments LP8733 Datasheet HTML 44Page - Texas Instruments LP8733 Datasheet HTML 45Page - Texas Instruments LP8733 Datasheet HTML 46Page - Texas Instruments LP8733 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
43
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Register Maps (continued)
Table 7. Summary of LP8733xx Control Registers (continued)
Addr
Register
Read /
Write
D7
D6
D5
D4
D3
D2
D1
D0
0x15
PGOOD_CT
RL_1
R/W
PGOOD_P
OL
PGOOD_O
D
PGOOD_WI
NDOW_LD
O
PGOOD_WI
NDOW_BU
CK
EN_PGOOD
_LDO1
EN_PGOOD
_LDO0
EN_PGOOD
_BUCK1
EN_PGOOD
_BUCK0
0x16
PGOOD_CT
RL_2
R/W
Reserved - do not use
EN_PGOOD
_TWARN
PG_FAULT
_GATES_P
GOOD
PGOOD_M
ODE
0x17
PG_FAULT
R
Reserved - do not use
PG_FAULT
_LDO1
PG_FAULT
_LDO0
PG_FAULT
_BUCK1
PG_FAULT
_BUCK0
0x18
RESET
R/W
Reserved - do not use
SW_
RESET
0x19
INT_TOP_1
R/W
PGOOD_
INT
INT_
LDO
INT_
BUCK
SYNC_
CLK_INT
TDIE_SD_I
NT
TDIE_
WARN_INT
OVP_INT
I_MEAS_
INT
0x1A
INT_TOP_2
R/W
Reserved - do not use
RESET_
REG_INT
0x1B
INT_BUCK
R/W
Reserved -
do not use
BUCK1_
PG_INT
BUCK1_
SC_INT
BUCK1_
ILIM_INT
Reserved -
do not use
BUCK0_
PG_INT
BUCK0_
SC_INT
BUCK0_
ILIM_INT
0x1C
INT_LDO
R/W
Reserved -
do not use
LDO1_
PG_INT
LDO1_
SC_INT
LDO1_
ILIM_INT
Reserved -
do not use
LDO0_
PG_INT
LDO0_
SC_INT
LDO0_
ILIM_INT
0x1D
TOP_
STAT
R
PGOOD_ST
AT
Reserved - do not use
SYNC_CLK
_STAT
TDIE_SD
_STAT
TDIE_
WARN_
STAT
OVP_
STAT
Reserved -
do not use
0x1E
BUCK_STA
T
R
BUCK1_
STAT
BUCK1_
PG_STAT
Reserved -
do not use
BUCK1_
ILIM_STAT
BUCK0_
STAT
BUCK0_
PG_STAT
Reserved -
do not use
BUCK0_
ILIM_STAT
0x1F
LDO_STAT
R
LDO1_
STAT
LDO1_
PG_STAT
Reserved -
do not use
LDO1_
ILIM_STAT
LDO0_
STAT
LDO0_
PG_STAT
Reserved -
do not use
LDO0_
ILIM_STAT
0x20
TOP_
MASK_1
R/W
PGOOD_
INT_MASK
Reserved - do not use
SYNC_CLK
_MASK
Reserved -
do not use
TDIE_WAR
N_MASK
Reserved -
do not use
I_MEAS_
MASK
0x21
TOP_
MASK_2
R/W
Reserved - do not use
RESET_
REG_MASK
0x22
BUCK_MAS
K
R/W
BUCK1_PG
F_MASK
BUCK1_PG
R_MASK
Reserved -
do not use
BUCK1_
ILIM_
MASK
BUCK0_PG
F_MASK
BUCK0_PG
R_MASK
Reserved -
do not use
BUCK0_
ILIM_
MASK
0x23
LDO_MASK
R/W
LDO1_PGF
_MASK
LDO1_PGR
_MASK
Reserved -
do not use
LDO1_
ILIM_
MASK
LDO0_PGF
_MASK
LDO0_PGR
_MASK
Reserved -
do not use
LDO0_
ILIM_
MASK
0x24
SEL_I_
LOAD
R/W
Reserved - do not use
LOAD_CUR
RENT_
BUCK_SEL
ECT
0x25
I_LOAD_2
R
Reserved - do not use
BUCK_LOA
D_CURREN
T[8]
0x26
I_LOAD_1
R
BUCK_LOAD_CURRENT[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86