Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HM3N70 Fiches technique(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No de pièce HM3N70
Description  N - ChannelPower MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Site Internet  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3N70 Fiches technique(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3N70 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N70 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N70 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N70 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N70 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TO-251
TO-251
TO-251
TO-251 封装机械尺寸
TO-251
TO-251
TO-251
TO-251 (IPAK)
(IPAK)
(IPAK)
(IPAK) MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
单位:毫米/UNIT:mm
符号////SYMBOL
SYMBOL
SYMBOL
SYMBOL
最小值////min
min
min
min
典型值////nom
nom
nom
nom
最大值////max
max
max
max
A
2.10
2.50
A1
0.95
1.30
B
0.80
1.25
b
0.50
0.80
b1
0.70
0.90
c
0.45
0.70
c1
0.45
0.70
D
6.35
6.80
D1
5.10
5.50
E
5.30
6.30
e
2.30
L
7.00
9.20
R
0.30
[S/L]
Shenzhen H&M Semiconductor Co.Ltd
http:
//www.hmsemi.com
4



Html Pages

1 2 3 4 5