| Moteur de recherche de fiches techniques de composants électroniques |
|
LC2-42-F Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LC2-42-F Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: LC2 LC2 SPECIFICATIONS ES-1357 Rev.4 Page 3/3 http://www.m-system.co.jp/ EXTERNAL VIEW Span Adj. Zero Adj. Excitation Adj. LCD Meter EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 7 8 2 1 11 10 50 (1.97) 107 (4.21) 136 (5.35) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW • When mounting, no extra space is needed between units. 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – * Base Socket Output Driver OUTPUT 1 2 Z S 7 8 + – 10 3 9 11 6 + – STRAIN GAUGE Close across the terminal 3 – 4 and 5 – 9 when the remote sensing is not used. * Option /E Low Drift DC Volt. Stabilizer Low Drift Amplifier EXC. 4 5 + – S S Remote Sensing U(+) V(–) POWER Specifications are subject to change without notice. |