| Moteur de recherche de fiches techniques de composants électroniques |
|
KGS2D-C/Q Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KGS2D-C/Q Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: KGS KGS SPECIFICATIONS ES-3527 Rev.2 Page 3/3 http://www.m-system.co.jp/ EXTERNAL VIEW Zero Adj. Excitation Adj. Span Adj. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 50 (1.97) 103 (4.06) 132 (5.20) • When mounting, no extra space is needed between units. 5 6 7 8 2 1 11 10 [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket Low Drift Amplifier Output Driver OUTPUT 1 2 Z S U(+) V(–) POWER 7 8 + – 10 3 9 11 6 + – STRAIN GAUGE Low Drift DC Volt. Stabilizer EXC. Specifications are subject to change without notice. |