| Moteur de recherche de fiches techniques de composants électroniques |
|
KPAU-B2LD-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KPAU-B2LD-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: KPAU KPAU SPECIFICATIONS ES-3590 Rev.10 Page 4/4 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket Waveform Shaper Output Driver OUTPUT 6 1 2 U(+) V(–) POWER 7 8 Digital Computation Excitation Supply + – INPUT 3 5 4 + SENSOR EXCITATION 3 5 4 + 8kΩ ■ Open Collector or Mechanical Contact Input Connection Examples + – – Vsns PWR ■ Voltage Pulse or Proximity Sensor 3 5 4 + + – – Vsns 20kΩ PWR 20kΩ 3 5 4 – 200Ω ■ 2-Wire Current Pulse + Vsns 20kΩ S Z DAMPER FREQUENCY SW INPUT MON. STATUS MON. DIVIDING FACTOR SW 2-WIRE PICK-UP Specifications are subject to change without notice. |