Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4047M013TR Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce HCF4047M013TR
Description  LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4047M013TR Fiches technique(HTML) 3 Page - STMicroelectronics

  HCF4047M013TR Datasheet HTML 1Page - STMicroelectronics HCF4047M013TR Datasheet HTML 2Page - STMicroelectronics HCF4047M013TR Datasheet HTML 3Page - STMicroelectronics HCF4047M013TR Datasheet HTML 4Page - STMicroelectronics HCF4047M013TR Datasheet HTML 5Page - STMicroelectronics HCF4047M013TR Datasheet HTML 6Page - STMicroelectronics HCF4047M013TR Datasheet HTML 7Page - STMicroelectronics HCF4047M013TR Datasheet HTML 8Page - STMicroelectronics HCF4047M013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HCF4047B
3/12
FUNCTIONAL TERMINAL CONNECTIONS
* In all cases external capacitor and resistor between pins, 1, 2 and 3 (see logic diagrams).
** Input pulse to Reset of External Counting Chip.
External Counting Chip Output to pin 4.
LOGIC DIAGRAM
FUNCTION*
TERMINAL CONNECTIONS
OUTPUT
PULSE
FROM
OUTPUT PERIOD OR
PULSE WIDTH
to VDD
to VSS
Input Pulse
to
Astable Multivibrator
Free Running
4, 5, 6, 14
7, 8, 9, 12
-
10, 11, 13
tA (10,11) = 4.40RC
True Gating
4, 6, 14
7, 8, 9, 12
5
10, 11, 13
Complement Gating
6, 14
5, 7, 8, 9, 12
4
10, 11, 13
tA (13) = 2.20RC
Monostable Multivibrator
Positive - Edge Trigger
4, 14
5, 6, 7, 9, 12
8
10, 11
Negative - Edge Trigger
4, 8, 14
5, 7, 9, 12
6
10, 11
Retriggerable
4, 14
5, 6, 7, 9
8, 12
10, 11
tM (10,11) = 2.48RC
External Countdown**
14
5, 6, 7, 8, 9,
12
-
10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12