| Moteur de recherche de fiches techniques de composants électroniques |
|
FAS-G1-L/Q Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
FAS-G1-L/Q Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: FAS FAS SPECIFICATIONS ES-1481 Rev.11 Page 4/4 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Inductive Load (Coil) Varistor or Spark Quenching Circuit •DC Powered Inductive Load (Coil) Diode, Varistor or CR Circuit ■Relay Protection •AC Powered Ry Base Socket 7 8 4 Comparator ADJ. + – * INPUT 1 Low Drift Amplifier R 2 OUTPUT 6 5 3 * Input shunt resistor attached for current input. **Relay status is determined by output codes. ■ SINGLE ALARM Base Socket 7 8 4 Comparator HI ADJ. + – * INPUT 1 Low Drift Amplifier R 2 LO ADJ. OUTPUT 6 5 3 Ry Ry HI LO ■ DUAL ALARM ** ** ** * Input shunt resistor attached for current input. **Relay status is determined by output codes. U(+) V(–) POWER U(+) V(–) POWER LOAD U LOAD Specifications are subject to change without notice. |