| Moteur de recherche de fiches techniques de composants électroniques |
|
CTCS Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
CTCS Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: CTCS CTCS SPECIFICATIONS ES-1903 Rev.4 Page 5/6 http://www.m-system.co.jp/ ■ Sensor model No.: CLSB-05 k k l l 26.3 (1.04) 8.6 (.34) 8.6 (.34) 48 (1.89) 10 dia. (.39) 2–M3 SCREW TERMINAL COVER (detachable) K L ■ Sensor model No.: CLSB-10 30.5 (1.20) 7.5 (.30) 7.5 (.30) 53.7 (2.11) 16 dia. (.63) 2–M3 SCREW k k l l TERMINAL COVER (detachable) K L ■ Sensor model No.: CLSB-20 k k l l 2–M3 SCREW 35.9 (1.41) 8.3 (.33) 8.3 (.33) 75.7 (2.98) 24 dia. (.94) TERMINAL COVER (detachable) K L ■ Sensor model No.: CLSB-40 35 dia. (1.38) k k l l 2–M3 SCREW K L 35.5 (1.40) 8.8 (.35) 8.8 (.35) 93 (3.66) TERMINAL COVER (detachable) SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Isolation ** Base Socket S Z Connector provided only for the CLSA-08 and CLSA-12. Option /E, E2 Option /E2 3 R.M.S. Operation Output Driver 4 5 6 1 2 7 8 AC Amplifier LOOP TEST SELECTOR *** * ** *** + – OUTPUT U(+) V(–) POWER * LOAD SOURCE CONNECTOR* k l CLAMP-ON SENSOR |