| Moteur de recherche de fiches techniques de composants électroniques |
|
ABM2-R4WRA2-M2/Q Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
ABM2-R4WRA2-M2/Q Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 7 page ![]() MODEL: ABM2 ABM2 SPECIFICATIONS ES-2622 Rev.5 Page 3/7 https://www.m-system.co.jp/ ■ Remote output switching: External contact closure switches the ABM2 to MAN mode when the CAS-MAN selector is at CAS position (Not switched with MAN position. Refer to the table 1) Sensing (open): Approx. 4.5 V DC ON voltage: ≤ 1 V DC ON resistance: ≤ 10 kΩ OFF voltage: ≥ 2.6 V DC OFF resistance: ≥ 49.9 kΩ [Table 1] REMOTE COMMAND INDICATOR LED CAS LED (RED) MAN LED (RED) ON MAN Mode MAN Mode OFF CAS Mode MAN Mode OUTPUT SPECIFICATIONS MV output Conformance range: • A1: -15 to +115 % • A2: 0 to 100 % ■ Positioning Output: Rated load: 240 V AC or 30 V DC @ 1 A (resistive load) For maximum relay life with inductive loads, external protection is recommended. Mechanical life: 5 × 107 cycles Maximum switching voltage: 250 V AC or 125 V DC (0.2 A) (resistive load) Maximum switching power: 250 VA or 30 W (DC) (resistive load) ■ Manual status output: Photo MOS relay Rating: 240 V AC or 30 V DC @ 100 mA ON resistance: 25 Ω Permissible: 400 mW INSTALLATION Power consumption •AC: (with max. load) Approx. 4 VA at 100 V Approx. 5.5 VA at 100 V Approx. 6.5 VA at 264 V •DC: Approx. 2 W Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 10 to 90 %RH (non-condensing) Mounting: Panel flush mounting Weight: Approx. 300 g (0.66 lb) PERFORMANCE in percentage of span Accuracy: Input + output conversion accuracy •Input conversion accuracy: ±0.2 % •Mv output accuracy: ±0.5 % Display accuracy: •Bargraph: ±1 digit •Digital indicator: ±1 digit Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Manual output resolution: 0.1 % Response time: ≤ 0.5 sec. (0 – 90 %) between PV and MV Line voltage effect: ±0.2 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @ 1 minute (CAS input to PV input to MV output or remote output switch command to positioning output to MAN status output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (positioning output, manual status output) Installation Category II Pollution degree 2 Remote output switch command or CAS input or PV input to positioning output or power: Reinforced insulation (300 V) Positioning output to MV output to power: Reinforced insulation (300 V) RoHS Directive |