| Moteur de recherche de fiches techniques de composants électroniques |
|
AD3V-S3C-R3 Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
AD3V-S3C-R3 Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 9 page ![]() MODEL: AD3V AD3V SPECIFICATIONS ES-1389 Rev.24 Page 5/9 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm [inch] 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW •When mounting, no extra space is needed between units. 16 (.63) 55 (2.17) min. TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 2 1 8 7 3 4 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. |