Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDZ3.9B Fiches technique(PDF) 4 Page - Rohm

No de pièce CDZ3.9B
Description  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

CDZ3.9B Fiches technique(HTML) 4 Page - Rohm

  CDZ3.9B Datasheet HTML 1Page - Rohm CDZ3.9B Datasheet HTML 2Page - Rohm CDZ3.9B Datasheet HTML 3Page - Rohm CDZ3.9B Datasheet HTML 4Page - Rohm CDZ3.9B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDZ8.2B
Diodes
4/4
1
10
100
01
2
345
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Vz DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT:Iz(mA)
Zz-Iz CHARACTERISTICS
f=1MHz
8
8.1
8.2
8.3
8.4
8.5
AVE:8.212V
Ta=25℃
IZ=5mA
n=30pcs
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=5.0V
n=30pcs
AVE:0.073nA
0.0001
0.001
0.01
0.1
1
10
100
01
23
4
5
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
0
10
20
30
40
50
60
70
80
90
100
AVE:36.38pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
77.5
88.5
9
Ta=75℃
Ta=-25℃
Ta=125℃
Ta=25℃
1
10
100
0.1
1
10



Html Pages

1 2 3 4 5