| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8F6401 Fiches technique(PDF) 21 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F6401 Fiches technique(HTML) 21 Page - Zilog, Inc. |
|
21 / 246 page ![]() PS017610-0404 Introduction Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x Z8 Encore!® 3 Block Diagram Figure 55 illustrates the block diagram of the architecture of the Z8 Encore!TM. Figure 55. Z8 Encore! ® Block Diagram CPU and Peripheral Overview eZ8 CPU Features The eZ8, ZiLOG’s latest 8-bit Central Processing Unit (CPU), meets the continuing demand for faster and more code-efficient microcontrollers. The eZ8 CPU executes a superset of the original Z8 instruction set. The eZ8 CPU features include: • Direct register-to-register architecture allows each register to function as an accumulator, improving execution time and decreasing the required program memory GPIO IrDA UARTs I2C Timers SPI ADC Flash Flash Controller RAM RAM Controller Memory Interrupt Controller On-Chip Debugger eZ8 CPU WDT with RC Oscillator POR/VBO & Reset Controller XTAL / RC Oscillator Register Bus Memory Busses System Clock DMA |