Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD-USB-DP60. Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce PD-USB-DP60.
Description  PoE to USB-C짰 Power and Data Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-USB-DP60. Fiches technique(HTML) 2 Page - Microchip Technology

  PD-USB-DP60. Datasheet HTML 1Page - Microchip Technology PD-USB-DP60. Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the
U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies.
© 2021, Microchip Technology Incorporated. All Rights Reserved. 3/21
DS00003813C
Specifications
Feature
Description
Number of ports
1 PoE input, 1 USB-C output
Data Rates
10/100/1000 Mbps
PoE Input
PoE up to 90W (42–57 VDC)
USB-C Output
Data: USB 2.0, USB 3.1 Gen 1
Power: up to 60W (5VDC/3A, 9VDC/3A, 15VDC/3A, 20VDC/3A)
Dimensions
22.4 mm (H) x 66.8 mm (W) x 105.2 mm (L)
0.88 in (H) x 2.63 in (W) x 4.14 in (L)
Weight
150g (0.33lb)
Indicators
PoE Power: Yellow
Data Link: Green
VBUS (located on USB-C Cable): Green
Connections
PoE: Shielded RJ45 EIA 568A and 568B
USB: USB Type-C
Environmental Conditions
Operating Ambient Temperature: 32°F to 104°F (0°C to 40°C)
Operating Humidity: Max 90%, non-condensing
Storage Temperature: –4°F to +158°F (–20°C to +70°C)
Storage Humidity: Max 95%, non-condensing
Hazardous Substances
CE, WEEE, China RoHS
Warranty
1 year
Extended Warranty Available
Consult Microchip
Reliability
MTBF 150,000 hr
Regulatory Compliance
IEEE 802.3af, IEEE 802.3at, IEEE 802.3bt
USB PD 3.0
Electromagnetic Emission and Immunity
FCC Part 15 Class B, EN 55032 Class B, VCCI, ICES-003, EN55035
Technical Support
For technical support please visit the Microchip Technical Support Portal www.microchip.com/support
LAN7800 Driver
To download device drivers for the LAN7800 please visit the LAN7800 WEB page: LAN7800
Ordering Information
Product Name
Part Number
Description
PoE to USB-C® Adapter
PD-USB-DP60
PoE to USB-C Data and Power converter with 30 cm USB Type-C Cable
About Microchip mPoE
Microchip multi-Power over Ethernet (mPoE) is a technology that powers any wired network
device seamlessly and efficiently, making it the ideal solution for Ethernet-based applications.
Leveraging a uniquely designed algorithm, this technology solves interoperability issues
between different PoE standards and legacy solutions to provide an international network
power standard. As pioneers in PoE, Microchip offers a comprehensive end-to-end portfolio of
PoE solutions comprised of PoE ICs and PoE systems (midspans/injectors and switches).



Html Pages

1 2