Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP21569WCBCZ10RL Fiches technique(PDF) 96 Page - Analog Devices

No de pièce ADSP21569WCBCZ10RL
Description  SHARC Single Core High Performance DSP (Up to 1 GHz)
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP21569WCBCZ10RL Fiches technique(HTML) 96 Page - Analog Devices

Back Button ADSP21569WCBCZ10RL Datasheet HTML 92Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 93Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 94Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 95Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 96Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 97Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 98Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 99Page - Analog Devices ADSP21569WCBCZ10RL Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
Rev. B
|
Page 96 of 104
|
February 2021
ADSP-21562/21563/21565/21566/21567/21569
VDD_INT
R10
VDD_INT
R11
VDD_INT
R12
VDD_INT
R13
VDD_INT
R14
VDD_REF
G10
VDD_REF
G11
VDD_REF
M15
VDD_REF
N05
VDD_REF
N15
VDD_REF
P05
VDD_REF
P15
VDD_REF
R05
VDD_REF
R15
VDD_REF
T06
VDD_REF
T07
VDD_REF
T08
VDD_REF
T09
VDD_REF
T10
VDD_REF
T11
VDD_REF
T12
VDD_REF
T13
VDD_REF
T14
VDD_REF
T15
Pin Name
Ball No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More