| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9988 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9988 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 40 page ![]() Data Sheet AD9988 SPECIFICATIONS analog.com Rev. 0 | 13 of 40 Table 14. SYSREF Electrical Specifications Parameter Test Conditions/Comments Min Typ Max Unit SYSREF+ AND SYSREF- INPUTS Logic Compliance LVDS/LVPECL1 Differential Input Voltage 0.7 1.9 V p-p Input Common-Mode Voltage Range DC-coupled 0.675 2 V Input Reference, RIN (Differential) 100 Ω Input Capacitance (Differential) 1 pF 1 LVDS means low voltage differential signaling and LVPECL means low voltage positive/pseudo emitter-coupled logic. |