Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C031AJC Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce AM79C031AJC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031AJC Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C031AJC Datasheet HTML 35Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 36Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 37Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 38Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 39Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 40Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 41Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 42Page - Advanced Micro Devices AM79C031AJC Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
SLAC Products
39
35. Read R Filter Coefficients
(8Bh)
36. Write Echo Path Gain
(8Ch)
The equation for the Echo Path Gain is defined as:
37. Read Echo Path Gain
(8Dh)
38. Write Error Level Threshold
(8Eh)
The equation for the Error Level Threshold is defined as:
D7
D6
D5
D4
D3
D2
D1
D0
Command
10001011
Output Data Byte 1
C40
m40
C30
m30
Output Data Byte 2
C20
m20
C10
m10
Output Data Byte 3
C41
m41
C31
m31
Output Data Byte 4
C21
m21
C11
m11
Output Data Byte 5
C42
m42
C32
m32
Output Data Byte 6
C22
m22
C12
m12
Output Data Byte 7
C43
m43
C33
m33
Output Data Byte 8
C23
m23
C13
m13
Output Data Byte 9
C44
m44
C34
m34
Output Data Byte 10
C24
m24
C14
m14
Output Data Byte 11
C45
m45
C35
m35
Output Data Byte 12
C25
m25
C15
m15
D7
D6
D5
D4
D3
D2
D1
D0
Command
10001100
Input Data Byte 1
C80
m80
C70
m70
Input Data Byte 2
C60
m60
C50
m50
Input Data Byte 3
00000000
Input Data Byte 4
00000011
D7
D6
D5
D4
D3
D2
D1
D0
Command
10001101
Output Data Byte 1
C80
m80
C70
m70
Output Data Byte 2
C60
m60
C50
m50
Output Data Byte 3
00000000
Output Data Byte 4
00000011
D7
D6
D5
D4
D3
D2
D1
D0
Command
10001110
Input Data Byte 1
C20
m20
C10
m10
EPG
1
C50
+2
m50
–
•
1C60
2
m60
–
1C70
2
m70
–
•
1C80
2
m80
–
•
+
()
+
[]
•
+
{}
=
ELT
C10
2
m10
–
•
1C20
2
m20
–
•
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48