Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C03JC Fiches technique(PDF) 21 Page - Advanced Micro Devices

No de pièce AM79C03JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C03JC Fiches technique(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C03JC Datasheet HTML 17Page - Advanced Micro Devices AM79C03JC Datasheet HTML 18Page - Advanced Micro Devices AM79C03JC Datasheet HTML 19Page - Advanced Micro Devices AM79C03JC Datasheet HTML 20Page - Advanced Micro Devices AM79C03JC Datasheet HTML 21Page - Advanced Micro Devices AM79C03JC Datasheet HTML 22Page - Advanced Micro Devices AM79C03JC Datasheet HTML 23Page - Advanced Micro Devices AM79C03JC Datasheet HTML 24Page - Advanced Micro Devices AM79C03JC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
SLAC Products
21
PCM Highway Timing for XE = 1 (Transmit on Positive PCLK Edge)
27
23
22
24
21
26
30
28
31
29
32
33
34
25
Time Slot Zero
Clock Slot Zero
First Bit
PCLK
FS
DXA/DXB
DRA/DRB
First
Bit
Second
Bit
VOL
VOH
TSCA/
TSCB
VIH
VIL
VIH
VIL
09875H-017
Note:
In this mode, the PCM transmit timing is compatible with other CODEC IC’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48